PART |
Description |
Maker |
MIC5314-FCYMT MIC5314-1.5/1.4YMT MIC5314-1.5/1.5YM |
Low Voltage Dual 300mA LDO with Power on Reset
|
Micrel Semiconductor
|
AAT3244ITP-AA-T1 |
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
|
Advanced Analogic Technologies
|
MAX1976 MAX1976ETT MAX1976EZT MAX1963 MAX1963ETT M |
0.75 V, low-input-voltage, 300 mA LDO regulator with RESET 2.50 V, low-input-voltage, 300 mA LDO regulator with RESET Low-Input-Voltage, 300mA LDO Regulators with RESET-bar in SOT and TDFN Low-Input-Voltage / 300mA LDO Regulators with RESETin SOT and TDFN Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN 低输入电压,300mA的LDORESETin SOT和TDFN封装稳压 1.2 V, low-input-voltage, 300 mA LDO regulator with RESET 3.0 V, low-input-voltage, 300 mA LDO regulator with RESET 2.5 V, low-input-voltage, 300 mA LDO regulator with RESET 2.85 V, low-input-voltage, 300 mA LDO regulator with RESET 1.0 V, low-input-voltage, 300 mA LDO regulator with RESET
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
PL2211 |
300mA Low Noise Dual LDO
|
PIC
|
RP150K006A RP150K005A RP150K005B RP150K008A RP150K |
LOW NOISE Dual 300mA LDO
|
RICOH electronics devices division
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|
TS5215CX5RF TS5215CSRL TS5215CY5RM TS5215CX533 TS5 |
300mA Low Noise LDO Voltage Regulator with Enable
|
Taiwan Semiconductor Company, Ltd
|
EUP7230 |
Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
|
Eutech Microelectronics Inc
|
RT9167 RT9167-49GB RT9167-49GBR RT9167-49GS RT9167 |
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
MAX1976ETT075T MAX1976EZT085-T MAX1976EZT300 |
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN 0.75 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, DSO6 0.85 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|